Part Number Hot Search : 
IW4011BD 33291L 4043B MTA406N UGFZ30A 87C510 TOP245YN 1REEL
Product Description
Full Text Search
 

To Download HVY5P471K2KV6B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  meritek high vo l tage ceramic capacitors 500v-4kv hv series s pecifications operating temperature sl and y5p: -30 o c to +85 o c z5u and z5v: +10 o c to +85 o c temperature characteristic sl: p350 to n1000 y5p: 10% z5u: +22/- 56% z5v: +22/-82% capacitance sl: measured at 1 0.1mhz, 1vrms max. at 25 o c y5p, z5u and z5v: measured at 1 0.1khz, 1vrms max. at 25 o c rated voltage 500vdc to 4000vdc quality and dissipation factor sl: <30pf >400 + 20 o c min., =30pf >1000 y5p and z5u: 2.5% max. z5v: 5.0% max. tested voltage 500v: 250% rated voltage 1000v to 4000v: 150% rated voltage insulation resistance 10,000 mega ohms min. at 500vdc 60 sec. charging coat ing material 500v to 2000v phenolic or epoxy resin coating = 3000v epoxy resin (94v-0) p art n umbering s ystem hv y5p 471 k 2kv 6 b 1 high voltage series temperature characteristics capacitance code 1r5 330 201 202 333 104 1.5pf 33pf 200pf 2000pf .033 f 0.1 f capacitance tolerance code tolerance applicable t.c. available capacitances c 0.25pf npo- n750 0.5pf -5pf d 0.5pf npo- n750 0.5pf - 10pf j 5% npo- n1500 over 5pf k 10% npo- n1500, y5e, y5p over 10pf m 20% npo- n1500, y5e, y5p, z5u over 10pf s +50/-20% z5u over 1000pf z +80/-20% z5u, z5v over 1000pf p +100/-0% z5u, z5v over 1000pf rated voltage lead spacing code 5 6 7 9 5.08mm 6.35mm 7.62mm 9.52mm packaging code code b r f bulk tape & reel tape & ammo (flat) lead type complete durez 1 coverage leads d p 25.4 (1.00") m ax. f exposed disc and 2 cut leads d p 4.75 0.75 (0.19 .03") f complete durez 3 coverage and cut leads d p 4.75 0.75 f leads inside kink 4 and cut leads d p 4.75 0.75 f 1 (.04") min. outward kink 5 and cut leads d p 4.75 0.75 f 2 (.08") max. (0.19 .03") (0.19 .03") (0.19 .03") style 1,2 and 3 500v p=2.0(.078")max f: 0.8(.03") 1000v 4000v p=3.0(.118")max f: 1.5(.06") style 4 and 5 500v p=4.0(.16")max f: 0.8(.03") 1000v 4000v p=5.0(.197")max f: 1.5(.06") s pecifications are subject to change without notice. rev.6 b
meritek high vo l tage ceramic capacitors 500v-4kv hv series rated voltage temp characteristics / capacitance (pf) dimensions (mm) (vdc) sl y5p (b) z5u (e) z5v (f) d max. t d ? 1-82 100-820 100- 2200 470- 2200 6 83-150 1000- 1500 3300 3300- 5600 7 180 2200 4700- 5600 6800 8 220 6800 10000 9 270-330 3300 8200 15000 10 390-560 10000 22000 12 680-820 4700 15000 33000 14 1000 10000 22000 47000 16 33000 56000 18 500v 47000 100000 22 4 0.5 .05 1-82 100-470 100- 1500 470- 2200 6 100-120 560-820 2200 3300 7 150 1000 3300 4700 8 180 1500 4700 5600 9 220 2200 5600- 6800 6800 10 270-390 3300 8200- 10000 8200- 15000 12 470-560 4700 - 14 680-820 5600- 6800 15000 22000 16 1000 8200- 10000 22000 33000 18 - 20 1000v 47000 47000 22 5 0.6 .05 1-50 100-330 100-680 470- 1000 7 56-82 390 820- 1000 1500 8 100-120 470-560 1500 2200 9 150 680 -820 2200 3300 10 180 1000 3300 4700- 5600 12 220 1500 4700- 5600 6800- 8200 14 270-390 2200 6800- 8200 10000 16 470-560 3300 10000 15000 18 680 4700 - 22000 20 820 5600- 6800 15000 - 22 2000v 1000 8200 22000 33000 24 6 0.6 .05 1-33 100-220 100-560 470- 1000 8 39-47 330 680-820 - 9 56-68 470 1000- 1500 1500 10 82-100 560-680 2200 2200 12 120-150 820 - 3300 14 180-220 1000- 1500 3300- 4700 4700 16 270-330 2200 6800- 8200 18 470 3300 8200 10000 20 560 - 10000 - 22 680 4700 - 15000 24 3000v 820 15000 22000 26 7 0.6 .05 npo and x7r dielectrics also available
meritek high vo l tage ceramic capacitors 500v-4kv hv series rated voltage temp characteristics / capacitance (pf) dimensions (mm) (vdc) sl y5p (b) z5u (e) z5v (f) d max. t d ? 1-33 100-220 100-680 470- 1000 8 47-56 330 820 9 68 470 1000 1500 10 82-100 560 1500 2200 12 120 680 -820 2200 3300 14 150-180 1000 3300 4700 16 220 1500 4700 - 18 270-330 2200 - - 20 390 3300 - 10000 22 470 - 10000 - 24 4000v 560-680 4700 15000 15000 26 8 0.6 .05 specifications cog / npo x7r z5u temperature characteristic 0 30ppm/ o c 15% +22/-56% (+10 o c to 85 o c) operating temperature range -55 o c to +125 o c -55 o c to +125 o c +10 o c to +85 o c dissipation factor (25 o c, 1khz) 0.15% max. at 1vrms 2.5% max. at 1vrms 3.5% max. at 0.5vrms insulation resistance at 25 o c, rated voltage (min.) 100k mega ohms or 1000 mega ohms x f whichever is less 100k mega ohms or 1000 mega ohms x f whichever is less 10k mega ohms or 500 mega ohms x f whichever is less dielectric withstanding voltage (50ma max., 5 sec.) 2.5 x rated voltage 2.5 x rated voltage 2.5 x rated voltage life test (1,000 hours) 2 x rated voltage at +125 o c 2 x rated voltage at +125 o c 1.5 x rated voltage at +85 o c


▲Up To Search▲   

 
Price & Availability of HVY5P471K2KV6B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X